Part Number Hot Search : 
78L05 UPC2900 LBA025M2 1N5243B TUA1574 16360 HVD132 5S211
Product Description
Full Text Search
 

To Download STPS16L45C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS16L45CT/CFP
LOW DROP POWER SCHOTTKY RECTIFIER
MAIN PRODUCTS CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) 2x8A 45 V 150 C 0.45 V
A2 A1 K
FEATURES AND BENEFITS LOW FORWARD VOLTAGE DROP MEANING VERY SMALL CONDUCTION LOSSES LOW SWITCHING LOSSES ALLOWING HIGH FREQUENCY OPERATION INSULATED PACKAGE: TO-220FPAB Insulated voltage: 2000V DC Capacitance: 12 pF AVALANCHE CAPABILITY SPECIFIED
s s s s
A2 A1 K
A2 K A1
DESCRIPTION Dual center tap Schottky barrier rectifier designed for high frequency Switched Mode Power Supplies and high frequency DC to DC converters. Packaged in TO-220AB and TO-220FPAB, these devices are intended for use in low voltage, high frequency converters, free-wheeling and polarity protection applications. ABSOLUTE RATINGS (limiting values, per diode) Symbol VRRM IF(RMS) IF(AV) Parameter Repetitive peak reverse voltage RMS forward current Average forward current TO-220AB TO-220FPAB IFSM IRRM IRSM PARM Tstg Tj dV/dt *: Surge non repetitive forward current Repetitive peak reverse current Non repetitive peak reverse current Repetitive peak avalanche power Storage temperature range Maximum operating junction temperature * Critical rate of rise of reverse voltage
TO-220AB STPS16L45CT
TO-220FPAB STPS16L45CFP
Value 45 30 Tc = 140C = 0.5 Tc = 125C = 0.5 Per diode Per device Per diode Per device 8 16 8 16 180 1 2 4000 - 65 to + 150 150 10000
Unit V A A A A A A W C C V/s
tp = 10 ms sinusoidal tp=2 s square F=1kHz tp = 100 s square tp = 1s Tj = 25C
dPtot 1 thermal runaway condition for a diode on its own heatsink < dTj Rth( j - a )
1/5
July 2003 - Ed : 3C
STPS16L45CT/CFP
THERMAL RESISTANCES Symbol Rth(j-c) Junction to case
Parameter TO-220AB TO-220FPAB Per diode Total Coupling Per diode Total Coupling
Value 2.2 1.3 0.3 4.5 3.5 2.5
Unit C/W
When the diodes 1 and 2 are used simultaneously : Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c) STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol Parameter Tests Conditions IR * Reverse leakage Tj = 25C VR = VRRM current Tj = 125C VF * Forward voltage drop Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test : * tp = 380 s, < 2%
Min.
Typ. 65 0.39 0.55
Max. 0.2 130 0.5 0.45 0.63 0.64
Unit mA mA V
IF = 8 A IF = 8 A IF = 16 A IF = 16 A
To evaluate the conduction losses use the following equation : P = 0.26 x IF(AV) + 0.024 IF2(RMS) Fig. 1: Average forward power dissipation versus average forward current (per diode).
PF(av)(W) 6.0 5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
= 0.05 = 0.1 = 0.2 = 0.5
Fig. 2: Average current versus temperature ( = 0.5) (per diode).
9 8 7 6 5 4 3 2 1 0 IF(av)(A)
Rth(j-a)=Rth(j-c)
ambient
TO-220AB
Rth(j-a)=15C/W
TO-220FPAB
=1
T
T
IF(av) (A) 0 1 2 3 4 5 6 7
=tp/T
tp
=tp/T
tp
Tamb(C) 50 75 100 125 150
8
9
10
0
25
Fig. 3: Normalized avalanche power derating versus pulse duration.
PARM(tp) PARM(1s)
1
Fig. 4: Normalized avalanche power derating versus junction temperature.
PARM(tp) PARM(25C)
1.2 1
0.1
0.8 0.6
0.01
0.4 0.2
0.001
0.01 0.1 1
tp(s)
10 100 1000
Tj(C)
0 0 25 50 75 100 125 150
2/5
STPS16L45CT/CFP
Fig. 5-1: Non repetitive surge peak forward current versus overload duration (maximum values per diode, TO-220AB).
IM(A)
Fig. 5-2: Non repetitive surge peak forward current versus overload duration (maximum values per diode, TO-220FPAB).
IM(A) 100 90 80 70 60 50 40 30 20 IM 10 0 1E-3
120 100 80
Tc=25C
Tc=25C
60 40
IM
Tc=75C Tc=125C
t
Tc=50C Tc=100C
t
20 0 1E-3
=0.5
t(s) 1E-2 1E-1 1E+0
=0.5
t(s)
1E-2
1E-1
1E+0
Fig. 6-1: Relative variation of thermal impedance junction to case versus pulse duration (TO-220AB).
Zth(j-c)/Rth(j-c) 1.0 0.8 0.6 0.4 0.2
Single pulse = 0.5
Fig. 6-2: Relative variation of thermal impedance junction to case versus pulse duration (TO-220FPAB).
Zth(j-c)/Rth(j-c)
1.0 0.8 0.6 0.4
T
= 0.5
= 0.2 = 0.1
= 0.2 = 0.1
T
0.2
tp(s) 1E-2
=tp/T
tp
Single pulse
tp(s)
=tp/T
tp
0.0 1E-4
1E-3
1E-1
1E+0
0.0 1E-3
1E-2
1E-1
1E+0
1E+1
Fig. 7: Reverse leakage current versus reverse voltage applied (typical values) (per diode).
IR(mA) 2E+2 1E+2 1E+1 1E+0 1E-1
Tj=25C
Fig. 8: Junction capacitance versus reverse voltage applied (typical values) (per diode).
C(pF) 2000
Tj=150C
F=1MHz Tj=25C
Tj=125C
1000 500
Tj=75C
200
VR(V)
VR(V)
35 40 45
1E-2
0
5
10
15
20
25
30
100
1
2
5
10
20
50
3/5
STPS16L45CT/CFP
Fig. 9: Forward voltage drop versus forward current (maximum values) (per diode).
IFM(A)
Typical values Tj=150C
100.0
10.0
Tj=125C Tj=25C
1.0
Tj=75C
VFM(V) 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
PACKAGE MECHANICAL DATA TO-220FPAB REF. DIMENSIONS Millimeters
A H B
Inches Min. Max. 0.173 0.181 0.098 0.106 0.098 0.108 0.018 0.027 0.030 0.039 0.045 0.067 0.045 0.067 0.195 0.205 0.094 0.106 0.393 0.409 0.63 Typ. 1.126 1.205 0.386 0.417 0.114 0.142 0.626 0.646 0.354 0.366 0.118 0.126
Dia L6 L2 L3 L5 D F1 L4 F2 L7
F G1 G
E
A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 Dia.
Min. Max. 4.4 4.6 2.5 2.7 2.5 2.75 0.45 0.70 0.75 1 1.15 1.70 1.15 1.70 4.95 5.20 2.4 2.7 10 10.4 16 Typ. 28.6 30.6 9.8 10.6 2.9 3.6 15.9 16.4 9.00 9.30 3.00 3.20
4/5
STPS16L45CT/CFP
PACKAGE MECHANICAL DATA TO-220AB DIMENSIONS REF.
H2 Dia L5 C L7 L6 L2 F2 F1 L9 L4 F G1 G M E D A
Millimeters Min. Max. 4.40 4.60 1.23 1.32 2.40 2.72 0.49 0.70 0.61 0.88 1.14 1.70 1.14 1.70 4.95 5.15 2.40 2.70 10 10.40 16.4 typ. 13 14 2.65 2.95 15.25 15.75 6.20 6.60 3.50 3.93 2.6 typ. 3.75 3.85
Inches Min. Max. 0.173 0.181 0.048 0.051 0.094 0.107 0.019 0.027 0.024 0.034 0.044 0.066 0.044 0.066 0.194 0.202 0.094 0.106 0.393 0.409 0.645 typ. 0.511 0.551 0.104 0.116 0.600 0.620 0.244 0.259 0.137 0.154 0.102 typ. 0.147 0.151
A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M Diam.
Ordering type STPS16L45CT
Marking STPS16L45CT
Package TO-220AB
Weight 2g 2g
Base qty 50 50
Delivery mode Tube Tube
STPS16L45CFP STPS16L45CFP TO-220FPAB
s s s s
Epoxy meets UL94,V0 Cooling method : C Recommended torque value : 0.55 m.N Maximum torque value : 0.70 m.N
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of STPS16L45C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X